Part Number Hot Search : 
80000 OPB773NZ 1N821A APL0832 01M10 CHA3666 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download GBPC5001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 530 - gbpc 40, 50 series high current 40, 50 amps. single phase glass passivated bridge rectifiers voltage range 50 to 1000 volts current 40, 50.0 amperes features  ul recognized file # e-96005  the plastic material used carries underwriters laboratory flammability recognition 94v-0  integrally molded heatsink provide very low thermal resistance for maximum heat dissipation  universal 4-way terminals; snap-on, wrap- around, solder or p.c. board mounting  surge overload ratings 400 amperes  terminals solderable per mil-std-202, method 208  typical i r less than 0.2 ua  high temperature soldering guaranteed: 260c/ 10 seconds / .375?, (9.5mm) lead lengths  isolated voltage from case to lead over 2500 volts gbpc40 gbpc40-m dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number -005 -01 -02 -04 -06 -08 -10 units maximum recurrent peak reverse voltage 50 100 200 400 600 800 1000 v maximum rms voltage 35 70 140 280 420 560 700 v maximum dc blocking voltage 50 100 200 400 600 800 1000 v maximum average forward rectified current @t c = 55c gbpc40 gbpc50 40.0 50.0 a peak forward surge current, single sine-wave superimposed on rated load (jedec method ) gbpc40 gbpc50 400 400 a maximum instantaneous forward voltage drop per element at specified current gbpc40 @20a gbpc50 @25a 1.1 v maximum dc reverse current at rated dc blocking voltage per element 10 ua typical thermal resistance (note 1) r  jc 1.5 c / w operating and storage temperature range t j ,t stg -50 to +150 c notes: 1. thermal resistance from junction to case. notes: 2. suffix?m? - terminal location face to face.
- 531- ratings and characteristic curves ( gbpc40005 thru gbpc4010 ) fig.3- typical reverse characteristics per bridge element instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 gbpc50005 gbpc5010 fig.2- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 234 1.5 5 6 9 8 710 25 20 15 30 100 60 40 80 20 100 300 400 200 number of cycles at 60hz fig.1- maximum forward current derating curve average for ward current . (a) 160 180 20 40 60 80 100 120 140 0 10 30 20 50 40 70 80 60 case temperature. ( c) o gbpc50 gbpc40 fig.4- typical forward characteristics per bridge element instantaneous for ward current . (a) .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 .1 1 10 100 1000 forward voltage. (v) tj=25 c pulse width-300 s 0 g b p c 50 g bpc 40


▲Up To Search▲   

 
Price & Availability of GBPC5001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X